Part Number Hot Search : 
LVCH16 Y7C13 MS1206L6 04N03 MC9S08SG 5102ALP 242PC60G BR1020
Product Description
Full Text Search
 

To Download BD3150L50100AHF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 3150 l50100ahf rev a ultra small low profile 0603 balun 50 to 100 balanced description the BD3150L50100AHF is an ultrasmall low pr ofile balanced to unbalanced transformer designed for differential inputs and ou tput locations on next generation wireless chipsets in an easy to use surface mount p ackage covering the mmds and the low end of the uwb frequency ranges. the bd3150 l50100ahf is ideal for high volume manufacturing and is higher performance than traditional ceramic baluns. the BD3150L50100AHF has an unbalanced port impedanc e of 50 and a 100 balanced port impedance. this transformation enable s single ended signals to be applied to differential ports on modern integrated chipsets. the output ports have equal amplitude (3db) with 180 degree phase differ ential. the BD3150L50100AHF is available on tape and reel for pick and place hi gh volume manufacturing. detailed electrical specifications: specifications subject to change without notice. room (25 c) parameter min. typ. max unit frequency 3100 5000 mhz unbalanced port impedance 50 balanced port impedance 100 return loss 9.5 12 db insertion loss* 0.8 1.1 db amplitude balance 0.5 0.9 db phase balance 4.0 9.0 degrees cmrr 28 db power handling 2 watts features: ? 3100 C 5000 mhz ? 0.7mm height profile ? 50 ohm to 2 x 50 ohm ? uwb & mmds ? low insertion loss ? input to output dc isolation ? surface mountable ? tape & reel ? nonconductive surface ? rohs compliant ? halogen free operating temperature 55 +85 oc * insertion loss stated at room temperature (insert ion loss is approximately 0.1 db higher at +85 oc) outline drawing typical broadband performance: 500 mhz. to 8500 mhz . mechanical outline dimensions are in millimeters 1.590.10 0.840.10 1 2 3 6 5 6x 0.25 6x 0.20 4x 0.50 6x 0.52 orientation marker denotes pin location 4 orientation marker denotes pin location 5 4 2 16 3 pin balanced port gnd gnd balanced port dc bias/gnd unbalanced port designation 2x 0.16 4x 0.29 0.680.07 top view (near side) side view bottom view (far side)
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 3150l50100ahf rev a return loss input 36 33 30 27 24 21 18 15 12 9 6 3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] amplitude balance 2 1.5 1 0.5 0 0.5 1 1.5 2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] insertion loss 3.6 3.3 3 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] phase balance 20 15 10 5 0 5 10 15 20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] deg cmrr 36 33 30 27 24 21 18 15 12 9 6 3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db]
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 3150 l50100ahf rev a typical performance: 3000 mhz. to 5100 mhz. return loss input 36 33 30 27 24 21 18 15 12 9 6 3 0 3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 4100 4200 4300 4400 4500 4600 4700 4800 4900 5000 5100 frequency [mhz] [db] amplitude balance 2 1.5 1 0.5 0 0.5 1 1.5 2 3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 4100 4200 4300 4400 4500 4600 4700 4800 4900 5000 5100 frequency [mhz] [db] insertion loss 3.6 3.3 3 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 4100 4200 4300 4400 4500 4600 4700 4800 4900 5000 5100 frequency [mhz] [db] phase balance 20 15 10 5 0 5 10 15 20 3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 4100 4200 4300 4400 4500 4600 4700 4800 4900 5000 5100 frequency [mhz] deg cmrr 36 33 30 27 24 21 18 15 12 9 6 3 0 3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000 4100 4200 4300 4400 4500 4600 4700 4800 4900 5000 5100 frequency [mhz] [db]
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 3150l50100ahf rev a mounting configuration: in order for xinger surface mount components to wor k optimally, the proper impedance transmission line s must be used to connect to the rf ports. if this condition is not satisfied, insertion loss, isolation and vsw r may not meet published specifications. all of the xinger components are constructed from o rganic ptfe based composites which possess excellen t electrical and mechanical stability. xinger compone nts are compliant to a variety of rohs and green st andards and ready for pbfree soldering processes. pads are gol d plated with a nickel barrier. an example of the pcb footprint used in the testing of these parts is shown below. an example of a dc biased footprint is also shown below. in specific designs , the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. no bias footprint circuit pattern footprint pad (s) solder resist mounting footprint dimensions are in millimeters .36 .31 .21 .14 3x transmission lines plated thru holes to ground plated thru holes to ground .04 part orientation top down dc bias footprint circuit pattern footprint pad (s) solder resist mounting footprint dimensions are in millimeters part orientation top down .36 .31 .21 .14 .04 capacitor plated thru holes to ground dc bias plated thru holes to ground 3x transmission lines
visit us at www.anaren.com usa/canada: toll free: europe: asia: (315) 4328909 (800) 4116596 +44 2392232392 +86 51262749282 model b d 3150 l50100ahf rev a packaging and ordering information parts are available in reel and are packaged per ei a 4812. parts are oriented in tape and reel as sh own below. minimum order quantities are 4000 per reel. see model numbers be low for further ordering information .
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: anaren: ? BD3150L50100AHF


▲Up To Search▲   

 
Price & Availability of BD3150L50100AHF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X